Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 18Page - STMicroelectronics AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics AN4116 Datasheet HTML 21Page - STMicroelectronics AN4116 Datasheet HTML 22Page - STMicroelectronics AN4116 Datasheet HTML 23Page - STMicroelectronics AN4116 Datasheet HTML 24Page - STMicroelectronics AN4116 Datasheet HTML 25Page - STMicroelectronics AN4116 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Functional check
AN4116
22/38
Doc ID 023220 Rev 1
6.3
Feedback loop failure protection
This protection is available any time the IC is not self-biased. As the loop is broken (RfbL
shorted or RfbH open), the output voltage VOUT increases and the VIPER06 runs at its
maximum current limitation. The VDD pin voltage increases as well, because it is linked to
the VOUT voltage either directly or through the auxiliary winding, depending on the cases.
If the VDD voltage reaches the VDD clamp threshold (23.5 V min.) in less than 50 msec, the
IC is shut down by open loop failure protection (see
Figure 34 and 35), otherwise by OLP, as
described in the previous section. The breaking of the loop has been simulated by shorting
the low side resistor of the output voltage divider, RfbL = RfbL1+RfbL2. The same behavior
can be induced opening the high side resistor, RfbH = RfbH1+RfbH2.
Figure 30.
Output short-circuit applied: OLP
tripping
Figure 31.
Output short-circuit maintained:
OLP steady-state
AM13096v1
Normal
operation
Output is shorted here
AM13097v1
tRESTART
Figure 32.
Output short-circuit maintained:
OLP steady-state (zoom)
Figure 33.
Output short-circuit removal and
converter restart
AM13098v1
tRESTART
tOVL
tSS
AM13099v1
Output short is
removed here
tRESTART
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com