Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 10Page - STMicroelectronics AN4116 Datasheet HTML 11Page - STMicroelectronics AN4116 Datasheet HTML 12Page - STMicroelectronics AN4116 Datasheet HTML 13Page - STMicroelectronics AN4116 Datasheet HTML 14Page - STMicroelectronics AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics AN4116 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Testing the board
AN4116
14/38
Doc ID 023220 Rev 1
5.2
Precision of the regulation and output voltage ripple
The output voltage of the board has been measured in different line and load conditions with
the results shown in
Table 4. The output voltage is practically not affected by the line
condition and by the IC biasing (self-supply or not).
Table 4.
Output voltage line-load regulation
VIN [VAC]
VOUT [V]
No load
50% load
75% load
100% load
IC
externally
biased
IC self-
biased
IC
externally
biased
IC self-
biased
IC
externally
biased
IC self-
biased
IC
externally
biased
IC self-
biased
90
12.04
12.05
12.00
11.98
12.00
11.98
11.99
11.97
115
12.05
12.05
12.00
11.99
12.00
11.98
11.99
11.97
150
12.05
12.05
12.00
11.98
12.00
11.98
11.99
11.97
180
12.05
12.04
12.00
11.98
12.00
11.98
11.99
11.97
230
12.05
12.04
12.00
11.98
12.00
11.98
11.99
11.97
265
12.05
12.04
12.00
11.98
12.00
11.98
11.99
11.97
Figure 13.
Line regulation at different loads; IC
externally biased (J1 selected)
Figure 14.
Line regulation at different loads; IC
self-biased (J1 not selected)
AM11688v1
11.7
11.8
11.9
12
12.1
12.2
80
105
130
155
180
205
230
255
V
IN[VAC]
0
25%
50%
75%
100%
AM11689v1
11.7
11.8
11.9
12
12.1
12.2
80
105
130
155
180
205
230
255
V
IN [V AC]
0
25%
50%
75%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com