Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics AN4116 Datasheet HTML 18Page - STMicroelectronics AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics AN4116 Datasheet HTML 21Page - STMicroelectronics AN4116 Datasheet HTML 22Page - STMicroelectronics AN4116 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
AN4116
Testing the board
Doc ID 023220 Rev 1
19/38
Depending on the equipment supplied, we can have several criteria to measure the standby
or light load performance of a converter. One of these is the measurement of the output
power when the input power is equal to one watt. In
Table 10 the output power needed to
have 1 W of input power in different line conditions is reported.
Figure 24 and 25 show the
diagram of the output powers corresponding to PIN = 1 W for different values of the input
voltage.
Figure 22.
PIN vs. VIN at no load and light
load; IC externally biased
(J1 selected)
Figure 23.
PIN vs. VIN at no load and light load,
IC self-biased (J1 not selected)
AM11543v1
0
50
100
150
200
80105
130155
180205
230255
V
IN [VAC]
0
25mW
50mW
AM11544v1
0
50
100
150
200
250
300
350
400
80105
130155
180205
230255
V
IN [VAC]
0
25mW
50mW
Table 10.
POUT @ PIN=1 W
VIN [VAC]PIN [W]
POUT [W]
Efficiency (%)
IC externally
biased
IC self-biased
IC externally
biased
IC self-biased
90
1
0.78
0.64
78
64
115
1
0.77
0.60
77
60
150
1
0.73
0.55
73
55
180
1
0.70
0.49
70
49
230
1
0.68
0.43
68
43
265
1
0.65
0.40
65
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com