Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 25Page - STMicroelectronics AN4116 Datasheet HTML 26Page - STMicroelectronics AN4116 Datasheet HTML 27Page - STMicroelectronics AN4116 Datasheet HTML 28Page - STMicroelectronics AN4116 Datasheet HTML 29Page - STMicroelectronics AN4116 Datasheet HTML 30Page - STMicroelectronics AN4116 Datasheet HTML 31Page - STMicroelectronics AN4116 Datasheet HTML 32Page - STMicroelectronics AN4116 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
AN4116
EMI measurements
Doc ID 023220 Rev 1
29/38
9
EMI measurements
A pre-compliant test of the EN55022 (Class B) European standard has been performed
using an EMC analyzer and an LISN. Peak, quasi-peak and average measurements have
been conducted as reported in the following figures.
Figure 47.
Peak measurements @
VIN=115 VAC, full load, TAMB=25 ° C;
IC externally biased
Figure 48.
Peak measurements @
VIN=230 VAC, full load, TAMB=25 ° C;
IC externally biased
AM13101v1
AM13102v1
Figure 49.
Quasi-peak measurements @
VIN=115 VAC, full load, TAMB=25 ° C;
IC externally biased
Figure 50.
Quasi-peak measurements @
VIN=230 VAC, full load, TAMB=25 ° C;
IC externally biased
AM13103v1
AM13104v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com