Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 5Page - STMicroelectronics AN1889 Datasheet HTML 6Page - STMicroelectronics AN1889 Datasheet HTML 7Page - STMicroelectronics AN1889 Datasheet HTML 8Page - STMicroelectronics AN1889 Datasheet HTML 9Page - STMicroelectronics AN1889 Datasheet HTML 10Page - STMicroelectronics AN1889 Datasheet HTML 11Page - STMicroelectronics AN1889 Datasheet HTML 12Page - STMicroelectronics AN1889 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN1889
Application description
9/33
The first choice to be made is the transformer turn ratio NP / NS, where NP and NS are
respectively the number of primary and secondary windings. The calculation of turn ratio is
correlated to the maximum voltage rating of the transistor to be used as primary switch. In
fact looking at the below formula for fly-back operation, the voltage at the point T in Figure 5
is given by:
Equation 1
obviously
Equation 2
where Vspike = the over voltage limited by the clamping circuit.
Must be chosen from the designer taking care that the total voltage at point T in Figure 5
does not exceed the maximum breakdown voltage of the device chosen as power switch
according to the Equation 1.
Once fixed the Vspike, the choice of the designer is limited to fix the fly-back voltage taking
into account the voltage capabilities offered by the standard transistors available. It is worth
noticing that the higher the fly-back voltage the higher the max duty cycle acceptable: higher
duty cycle at fixed output power, leads to lower IRMS with a consequent overall better
efficiency at primary side and an easier design of wide input range converter.
In this case the use of ESBT, having devices with breakdown voltage capability as high as
1700 V can help in that. For the realized demo board with STC03DE170HV we can fix:
●
Margin=250 V
●
VSpike=200 V
while VF, diode being lower than 1 V can be neglected, so that Vfl results being 500 V. From
Equation 1 we can now easily calculate the transformer turn ratio:
Table 1.
Converter specification data and fixed parameters
Symbol
Description
Values
Vinmin
Rectified minimum Input voltage
250
Vin
Rectified maximum Input voltage
750
Vout
Output voltage
24
VAUX
Auxiliary output voltage
15
Pout
Maximum output power
48
η
Converter efficiency
80%
F
Switching frequency
50 kHz
Vflyback
Reflected fly back voltage
500 V
Vspike
Max over voltage limited by clamping circuit
200 V
V
T
V
dcmax
N
P
N
S
------- V
0
V
Fdiode
,
+
() V
Spike
min
arg
++
+
=
N
P
N
S
------- V
0
V
Fdiode
,
+
() V
1
=
= the fly-back voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com