Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 9Page - STMicroelectronics AN1889 Datasheet HTML 10Page - STMicroelectronics AN1889 Datasheet HTML 11Page - STMicroelectronics AN1889 Datasheet HTML 12Page - STMicroelectronics AN1889 Datasheet HTML 13Page - STMicroelectronics AN1889 Datasheet HTML 14Page - STMicroelectronics AN1889 Datasheet HTML 15Page - STMicroelectronics AN1889 Datasheet HTML 16Page - STMicroelectronics AN1889 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN1889
Application description
13/33
Equation 20
For practical consideration, to better optimize the transformer window utilization and in the
main time in accordance with the above calculation, it has been chosen:
●
dp = 0.025 [cm]
●
ds =0.05 [cm] (2 in parallel)
The choice at secondary side of 2 wires of 0.05 mm in parallel vs. one of 0.074 mm has
been made to minimize the skin effect.
During the transformer construction particular care must be put in minimizing the parasitic
impedances, in particular the leakage inductance and the winding capacitance. Practically
the leakage inductance should not exceed 3% of the primary inductance. The use of
interleaved winding is a common method to reduce leakage inductance. Practically half of
the primary turns is firstly wound, then the secondary turns and finally the last half of the
primary that must result series connected with the first half-wind of the primary. To avoid an
excessive increase of the winding capacitance the second half of the primary must be
connected with the switch.
The final transformer has been realized from TDK in accordance with the above
specification, its relative part number is SRW2924ED-E02V015. The table below
summarizes the most important parameters of the above-mentioned transformer:
Table 2.
Transformer parameters
Symbol
Description
Values
Dimension
Ae
Effective cross section area
85.78
mm2
le
Effective magnetic path
58.65
mm
Ve
Effective core volume
5030
mm3
ACW
Cross sectional winding area
115.45
mm2
lg
Air gap length
0.8
mm
AL
Single turn inductance
130
nH/n2
A
SCU
ρ
100
N
S
•
L
t
•
R
S
------------------------------------
4.30
10
3
–
d
p
0.074 cm
[]
=
⇒
•
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com