Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 19Page - STMicroelectronics AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics AN1889 Datasheet HTML 22Page - STMicroelectronics AN1889 Datasheet HTML 23Page - STMicroelectronics AN1889 Datasheet HTML 24Page - STMicroelectronics AN1889 Datasheet HTML 25Page - STMicroelectronics AN1889 Datasheet HTML 26Page - STMicroelectronics AN1889 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN1889
PWM driver
23/33
When sensing current in series with the power transistor, the current waveform will have a
large spike at turn on due to the intrinsic capacitance. As shown in Figure 11, a simple RC
filter is adequate to suppress this spike. Typical values are:
●
R16=1 k
Ω
●
C7=470 pF
7.5
ESBT gate drive
Series resistor R17 provides damping for a parasitic tank circuit. Resistor R19 shunts output
leakage currents to ground when the under-voltage lockout is active.
Figure 11.
ESBT fly-back schematic diagram
1
2
3
JP1
F1
D1
D2
D3
D4
GND
GND
JP2
GND
R1
R2W
R2
R2W
R6
R1/2W
R3
R2W
R4
R2W
R5
R2W
+ C1
+ C2
C3
D5
D6
R7
R1/2W
DZ1
C4
D7
VCC
7
VFB
2
COMP
1
VREF
8
RT/CT
4
OUT
6
SENSE
3
IC1
UC3842
R10
R11
R12
R13
C5
R14
GND
GND
R15
C6
GND
GND
C7
GND
R16
R17
Q1
R18
R1W
GND
3
6
5
10
8
1
TR1
D10
+ C8
D8
R8
R1/2W
R9
R1/2W
+
C9
1
2
3
JP3
TOR1
D9
+
C10
GND
R19
10K
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com