Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 13Page - STMicroelectronics AN1889 Datasheet HTML 14Page - STMicroelectronics AN1889 Datasheet HTML 15Page - STMicroelectronics AN1889 Datasheet HTML 16Page - STMicroelectronics AN1889 Datasheet HTML 17Page - STMicroelectronics AN1889 Datasheet HTML 18Page - STMicroelectronics AN1889 Datasheet HTML 19Page - STMicroelectronics AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN1889
ESBT driving circuit
17/33
dynamic saturation, while the capacitor CB plus the resistor RB supply the correct level of
base current during all the on state. It is evident that the real advantage of the proposed
circuit is the possibility to set VB (affecting the all ON stage) independently from the voltage
needed (VB) to get the desired current spike.
It is worth noticing that the proposed circuit provides also an energy recovery function,
which minimizes the power needed to supply the base. The smaller capacitor stores all
charges coming from the base during the storage time, and gives them back to the base
during the next turn-on.
In a practical driving circuit VB can be set in order to obtain IB1 = -IB3, while VB must provide
the right saturation level for the most stressful working condition (that is the highest IC). This
condition is characterized by the flat zone where the base current IB = IB2, shown in
Figure 6, is practically constant and fixed according to the gain of the transistor used at
maximum current. This sort of "fixed voltage driven" method may cause some problems at
low load conditions and in general all the times the device works at low current level, in fact
in this case the storage time will be longer (over saturation effect), with consequent worse
turn-off performance.
It is clear that a proportional base biasing could positively impact the device performance at
lower current too. In the driving circuit reported in Figure 7 a current transformer associated
with the base of the ESBT implements a proportional base biasing and provides two further
advantages: firstly designer does not need to get a constant voltage anymore, secondly, the
current transformer provides an IB current with the same shape as the collector current.
Figure 7.
ESBT proportional driving circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com