Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 17Page - STMicroelectronics AN1889 Datasheet HTML 18Page - STMicroelectronics AN1889 Datasheet HTML 19Page - STMicroelectronics AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics AN1889 Datasheet HTML 22Page - STMicroelectronics AN1889 Datasheet HTML 23Page - STMicroelectronics AN1889 Datasheet HTML 24Page - STMicroelectronics AN1889 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN1889
Current transformer core selection
21/33
Once fixed both core material and size, the turn ratio must be adjusted to get the
desiderated IC/IB ratio according to the below equation:
Equation 31
Where IMmax is the magnetization current related to ICmax = IP
From a bench verification it is convenient to choose:
Equation 32
and than N1T =3 and N2T =12.
Considering the short length of wires at both primary and secondary side, the exact
calculation of their section is not of primary importance, while considerations about their
insulation are, since the voltage at primary side during turn-on can overstep 1500 V.
For the demo board, wires with the following section have been used:
dP=0.5 mm (primary winding) and dS=0.25 mm (secondary winding).
At primary side it is suggested to use an insulated wire capable to sustain 3500 V.
Once defined the current transformer we still need to determine the zener diode, the
capacitor C and the resistor RB. As already mentioned in chapter 8, the turn-on
performance of the ESBT is related to the initial base peak current and its duration tpeak that
can be given by:
Equation 33
A good choice for Rb is 0.56 Ω. This value allows us to eliminate the ringing on the base
current after the peak, and at the same time, it generates negligible power dissipation.
Being the minimum ON time 1.4 ms, tpeak should be less than 0.7 µs. In this particular case
it has been fixed at 400 ns. Hence Cb= 238 nF (the nearest 220 nF has been used).
Ipeak must be limited in order to avoid an extra saturation of the device. This action is made
by the zener diode DZ that clamps the voltage across the small capacitor Cb. The zener is
designed according to the following formula:
Equation 34
For the diode D in Figure 9 the BA159 has been selected.
N
eff
I
P
I
B
-----
I
Cmax
I
Mmax
–
I
c
5
----
------------------------------------
0.9
0.27
–
0.18
--------------------------
3.5
=
=
==
N
2T
N
1T
----------
∆
=
t
peak
3R
b
•
C
b
•
=
V
Z
2I
peakRb
1
+
()
•
R
bCb
•
3.12V
3.3V
⇒
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com