Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 16Page - STMicroelectronics AN1889 Datasheet HTML 17Page - STMicroelectronics AN1889 Datasheet HTML 18Page - STMicroelectronics AN1889 Datasheet HTML 19Page - STMicroelectronics AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics AN1889 Datasheet HTML 22Page - STMicroelectronics AN1889 Datasheet HTML 23Page - STMicroelectronics AN1889 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Current transformer core selection
AN1889
20/33
In Figure 10 the driving circuit as been modeled with the equivalent schematic diagram of
the transformer with its secondary closed with a voltage generator. In fact, looking at
Figure 9 we must note that during on time, the base of ESBT can be seen as a forward
biased diode, to this we have to add the voltage drop on both diode D and resistor RB in
series with the base of the ESBT to complete the secondary side load model. With these
premises in a first order of analysis, the secondary side can be simply modeled as a voltage
source given by:
Equation 27
At primary side both primary inductance and magnetization inductance have been reported.
Considering that only the IP fraction of the total collector current will be transferred to the
secondary, the magnetization current has to be firstly as low as possible, secondly, its value
must been taken into account for the proper calculation of transformer turn ratio. The
magnetization voltage drop (that is the voltage at the primary of the current transformer) can
be now easily calculate:
Equation 28
The magnetization current for the two cores under analysis will be:
Equation 29
and
Equation 30
Being the IPmax=0.9 A in steady state, the N67 core with 2 turns at primary side must
obviously be excluded, unless increasing the number of turns, but this would lead to fill all
the available window area and consequently to the necessity of choosing a bigger core size.
Figure 9.
ESBT current transformer
driver
Figure 10.
ESBT equivalent circuit
VS
V1
IC
V
s
V
BEon
V
D
V
RB
2.5V
≅
++
=
V
1
V
S
N
1T
N
2T
----------
•
2.5
1
5
---
0.5V
=
•
=
=
I
Mmax
V
1TONmax
L
TP
----------------------------
0.5
10.66
•
19.8
-----------------------------
0.27
=
=
=
For N30
I
Mmax
V
1TONmax
L
TP
----------------------------
0.5
10.66
•
4.28
-----------------------------
1.24
=
=
=
For N67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com