Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 25Page - STMicroelectronics AN1889 Datasheet HTML 26Page - STMicroelectronics AN1889 Datasheet HTML 27Page - STMicroelectronics AN1889 Datasheet HTML 28Page - STMicroelectronics AN1889 Datasheet HTML 29Page - STMicroelectronics AN1889 Datasheet HTML 30Page - STMicroelectronics AN1889 Datasheet HTML 31Page - STMicroelectronics AN1889 Datasheet HTML 32Page - STMicroelectronics AN1889 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AN1889
PCB layout and list of materials
31/33
R17
22
Ω-0.25 W
R18
0.82
Ω-1 W
R19
10 k
Ω-0.25 W
C1
220 µF-400 V
C2
220 µF-400V
C3
6.8 nF-2000 V
C4
220 nF-100 V
C5
100 pF
C6
15 nF
C7
470 pF
C8
2200 µF-50 V
C9
47 mF-25 V
C10
47 mF-25 V
D1
1N4007
D2
1N4007
D3
1N4007
D4
1N4007
D5
BY259
D6
BY259
D7
BA159
D8
1N4148
D9
1N4148
D10
STBYW81P200
DZ1
3.3 V-0.8 W
TR1
TDK SRW2924ED-E02V015
IC1
UC3842A
Table 4.
Bill of material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com