Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1889 Datasheet HTML 1Page - STMicroelectronics AN1889 Datasheet HTML 2Page - STMicroelectronics AN1889 Datasheet HTML 3Page - STMicroelectronics AN1889 Datasheet HTML 4Page - STMicroelectronics AN1889 Datasheet HTML 5Page - STMicroelectronics AN1889 Datasheet HTML 6Page - STMicroelectronics AN1889 Datasheet HTML 7Page - STMicroelectronics AN1889 Datasheet HTML 8Page - STMicroelectronics AN1889 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ESBT: theory and evolution
AN1889
4/33
1
ESBT: theory and evolution
The "emitter switching" concept was widely investigated a few decades ago with the aim of
improving the trade-off between switching and conduction losses mainly in high voltage
applications.
Figure 1.
ESBT symbol and equivalent circuit
The configuration can be easily implemented by using discrete components and basically
consists in a high voltage Power Bipolar Transistor driven by a low voltage Power MOSFET,
the two devices result connected in cascade configuration, as shown in fig.1. It is clear that
the structure requires two supplying sources: one to ensure the necessary current to the
base of the power bipolar transistor and the second to drive the gate of the Power MOSFET.
Practically, the Power Bipolar Transistor is biased with a constant voltage source between its
base and ground while a PWM controller could directly drive the gate of the Power
MOSFET.
The On condition is guaranteed just by switching on the Power MOSFET. Being the On
voltage drop on the Power MOSFETs negligible compared the VCE(sat) of the power bipolar
transistor, we can consider as a first approach the emitter of the power bipolar transistor
grounded.
The driving circuit associated to the base supplies the current needed to saturate the power
bipolar transistor, so that the main conduction losses are those related to the VCE(sat) plus
the losses on the input of the power bipolar transistor itself. As a figure of merit, for devices
rated at 1200V we can note that the current density (and consequently in reverse
proportionality the output voltage drop) on Power Bipolar Transistor is 10 times bigger than
that of an equivalent high voltage Power MOSFET.
Starting from the ON-state and switching off the Power MOSFET, the drain current falls
instantaneously down to zero, so that the output current changes its path to the ground
through the base of the transistor itself.
G
B
S
C
C
B
G
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com