Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics AN1889 Datasheet HTML 22Page - STMicroelectronics AN1889 Datasheet HTML 23Page - STMicroelectronics AN1889 Datasheet HTML 24Page - STMicroelectronics AN1889 Datasheet HTML 25Page - STMicroelectronics AN1889 Datasheet HTML 26Page - STMicroelectronics AN1889 Datasheet HTML 27Page - STMicroelectronics AN1889 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Start-up network
AN1889
24/33
8
Start-up network
To let the circuit start as soon as the line voltage is applied it is necessary to pre-charge both
C10 and C4 base capacitances. A resistor connected to the mid point of the input filter
capacitor divider directly makes the pre-charge. Of course an active start-up circuit, avoiding
dissipation during steady-state behavior, can improve the overall efficiency of the converter
at expenses of increased circuit complexity and cost.
The power supply must start at Vdcmin=250 V. The total current required by all components
connected to Vcc at start-up determines (R1+R2) value. The UC3842 has a start-up
threshold of 16 V, therefore the total turn-on current is:
Equation 35
and
Equation 36
R6 has been supposed equal to 56k
Ω, whose value is enough to pre-charge the base
capacitor C4, anyway it is important to check a posteriori that the time constant established
by R6 and C4 is negligible with respect to that imposed by (R1+R2) and C10.
C4 must be able to supply UC3842 till the steady-state behavior of the converter is
established. This time, from bench verification is 15ms maximum. Being under-voltage
threshold of UC3842 8.5V, the voltage across C4 must always be over 8.5V during the start-
up period. Therefore:
Equation 37
The next closed commercial value for C10 = 47
µF has been chosen.
Therefore:
Equation 38
This completely verifies our assumption.
I
tot
I
UC3842
start
–
up
–
I
R12
R13
+
I
R6
0.5mA
16V
25.9k
Ω
-------------------
16V
56k
Ω
--------------
1.4mA
=
++
=
++
=
R
1
R
2
+
()
min
V
dcmin
2I
TOT
•
---------------------
78k
Ω
=
=
C
10min
I
UC3842
quiescent
–
I
R12
R13
+
I
R6
++
() t
start
up
–
•
16
8.5
–
------------------------------------------------------------------------------------------------------------------------------
18mA
15ms
•
7.5
--------------------------------------
36
µF
=
≅
=
R
6
C
4
•
R
1
R
2
+
()
min
C
10
•
12.3ms
3.6s
«
⇒
«



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com