Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 10Page - STMicroelectronics AN1889 Datasheet HTML 11Page - STMicroelectronics AN1889 Datasheet HTML 12Page - STMicroelectronics AN1889 Datasheet HTML 13Page - STMicroelectronics AN1889 Datasheet HTML 14Page - STMicroelectronics AN1889 Datasheet HTML 15Page - STMicroelectronics AN1889 Datasheet HTML 16Page - STMicroelectronics AN1889 Datasheet HTML 17Page - STMicroelectronics AN1889 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Output circuit
AN1889
14/33
3
Output circuit
For the purpose of the present note the transformer has been designed with just one output
power section (48 W) and one auxiliary output section to supply the driver. As already
mentioned in the fly-back operation, it is during turn-off that the energy stored in the primary
is transferred to the secondary. In a first approach we can neglect the energy absorbed by
the auxiliary output, so that almost all the peak secondary current, about 18 A at maximum
load, flows through the output capacitor, causing a voltage ripple due to the ESR of the
capacitor itself. In order to fix the output voltage ripple lower than 1 V, the ESR from the Ohm
law must be lower than 0.055
Ω.
Fixed a time constant of 100 µsec so that (ESR*Co=100*10
-6 s) the capacitor should be
higher than 1818 µF and taken also into account 20% margin, a Co of 2200 µF has been
selected.
Next step is to determine the output diode. For discontinuous mode operation ultra fast or
schottky diodes are recommended. The diode must be able to sustain the output voltage
plus the maximum reflected voltage according to the formula below:
Equation 21
Practical considerations impose to add a safety margin of about 20-25%. Good choice is to
consider also diodes with current capability about twice higher then the DC output current
Iout.
V
REV
V
out 1
V
inmax
V
fl
------------------
+
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com