Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 14Page - STMicroelectronics AN1889 Datasheet HTML 15Page - STMicroelectronics AN1889 Datasheet HTML 16Page - STMicroelectronics AN1889 Datasheet HTML 17Page - STMicroelectronics AN1889 Datasheet HTML 18Page - STMicroelectronics AN1889 Datasheet HTML 19Page - STMicroelectronics AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics AN1889 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ESBT driving circuit
AN1889
18/33
Figure 8.
ESBT proportional waveforms
As visible from Figure 8 the driving network must guarantee a zone with fixed IC/IB. This is
imposed by the transformer turn ratio. From the characteristic of the chosen transistor
(STC03DE170), it is recommended a turn ratio equals to 5 in order to ensure the right
saturation level of the transistor that exhibits HFE equal to 5 at IC=1.8A, VCE = 1V, so that in
our current transformer we fix as first approach:
Equation 25
IBpeak
tpeak
IC
IB
VCS
tstorage
VG
Zone@Fixed
IC/IB ratio
N
P
N
S
-------
1
5
---
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com