Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1889 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 18Page - STMicroelectronics AN1889 Datasheet HTML 19Page - STMicroelectronics AN1889 Datasheet HTML 20Page - STMicroelectronics AN1889 Datasheet HTML 21Page - STMicroelectronics AN1889 Datasheet HTML 22Page - STMicroelectronics AN1889 Datasheet HTML 23Page - STMicroelectronics AN1889 Datasheet HTML 24Page - STMicroelectronics AN1889 Datasheet HTML 25Page - STMicroelectronics AN1889 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
PWM driver
AN1889
22/33
7
PWM driver
As already mentioned, we still need to correctly drive the gate of ESBT. A simple PWM
driver can both drive the gate of ESBT and supervise the fly-back operations requested by
the converter. The common UC3842 provides a cost effective current mode control.
As already mentioned in Section 2.2: Fly-back transformer design, the UC3845 needs 15V
for its correct biasing and this voltage reference is supplied by the auxiliary output of the
transformer. Neglecting for the moment the start-up circuit, next step is to correctly design
the network for the PWM driver terminals.
Calculation and considerations made on the following steps are related to the complete
schematic diagram of the realized demo board reported in Figure 11.
7.1
Primary side regulation
It can be achieved in a simple way just fixing a voltage divider. The advantages of primary
side regulation are essentially linked to its simplicity and low cost, by the way it cannot
supply an accurate control on output voltage at load variation. It is generally chosen for low
power SMPS. The voltage reference of the internal error amplifier is set in the UC3842 at
2.5V, consequently the values chosen for the network resistors are:
●
R12=22 k
Ω
●
R13=3.9 k
Ω
7.2
Control loop compensation
Being the solution adopted a current mode control in discontinuous mode, a simple loop
with just one pole can be used for its simplicity. For this loop we have:
●
R10=150 k
Ω
●
C5=100 pF
7.3
Switching frequency and max duty cycle setting
Since the target of our project is to have f=50kHz and
δMAX=75%, from the datasheet of the
UC3842 we can set:
●
R15=2.2 k
Ω
●
C6=15 nF
7.4
Current sensing and limiting
Since the inverting input to the UC3842 current-sense comparator is internally clamped at
1 V, we must ensure that the voltage drop on the sense resistor (R18) does not exceed this
value for the normal operation. Since Ipeak = 0.9 A, we can choose with a margin of about
30% an Imax =1.2 A; consequently from Ohm's law:
●
R18=0.82
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com