Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 48Page - STMicroelectronics AN4650 Datasheet HTML 49Page - STMicroelectronics AN4650 Datasheet HTML 50Page - STMicroelectronics AN4650 Datasheet HTML 51Page - STMicroelectronics AN4650 Datasheet HTML 52Page - STMicroelectronics AN4650 Datasheet HTML 53Page - STMicroelectronics AN4650 Datasheet HTML 54Page - STMicroelectronics AN4650 Datasheet HTML 55Page - STMicroelectronics AN4650 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
Android embedded functions
AN4650
52/102
DocID027415 Rev 1
The Step Counter overflow signal can be driven to the INT2 interrupt pin by setting to 1 the
INT2_STEP_COUNT_OV bit of the INT2_CTRL register: in this case, when the step count
reaches the 216 value, an interrupt signal is generated on the INT2 pin and the step count
has to be reset to zero by setting to 1 the PEDO_RST_STEP bit.
If latch mode is disabled (LIR bit of TAP_CFG is set to 0), the interrupt signal generated by
the pedometer functions is pulsed: the duration of the pulse observed on the interrupt pins is
about 60
s; the duration of the pulse observed on the bits STEP_COUNT_DELTA_IA,
STEP_DETECTED_IA and STEP_OVERFLOW of the FUNC_SRC register is 1/26 Hz.
If latch mode is enabled (LIR bit of TAP_CFG is set to 1) and the interrupt signal is driven to
the interrupt pins, once a step has occurred, a reading of the FUNC_SRC register clears the
request on both the pins and the STEP_COUNT_DELTA_IA, STEP_DETECTED_IA and
STEP_OVERFLOW bits of the FUNC_SRC register, and the device is ready to recognize
the next step. If latch mode is enabled but the interrupt signal is not driven to the interrupt
pins, the interrupt signal observed on the bits of the FUNC_SRC register is pulsed, with a
fixed duration of 1/26 Hz.
Step counter time stamp information is available in the STEP_TIMESTAMP_H and
STEP_TIMESTAMP_L registers: when a step is detected, the value of the
TIMESTAMP_REG2 register is copied in STEP_TIMESTAMP_H, and the value of the
TIMESTAMP_REG1 register is copied in STEP_TIMESTAMP_L, providing the time stamp
information of this step. For more details about LSM6DS3 time stamp counter and
TIMESTAMP_REG2/TIMESTAMP_REG1, see Section 5.4.
The step counter time stamp resolution depends on the value of the TIMER_HR bit of the
WAKE_UP_DUR register: when this bit is set to 0, 1 LSB of the time step count corresponds
to 1638.4 ms; when this bit is set to 1, 1 LSB of the time step count corresponds to 6.4 ms.
Step counter data can be stored in FIFO as a fourth data set along with time stamp data
(see Section 8.9 for more details).
Hereafter a basic SW routine which shows how to enable the pedometer functions:
The interrupt signal is generated when a step is recognized and the step count is available
by reading the STEP_COUNTER_H / STEP_COUNTER_L registers.
5.2
Significant motion
The Significant Motion function generates an interrupt when a ‘significant motion’, that could
be due to a change in user location, is detected: in the LSM6DS3 device this function has
been implemented in hardware using only the accelerometer.
Significant Motion functionality can be used in location-based applications in order to
receive a notification indicating when the user is changing location.
1
Write 20h into CTRL1_XL
// Turn on the accelerometer
// ODR_XL = 26 Hz, FS_XL = 2g
2
Write 3Ch into CTRL10_C
// Enable embedded functions
3
Write 40h into TAP_CFG
// Enable pedometer algorithm
4
Write 80h into INT1_CTRL
// Step Detector interrupt driven to INT1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com