Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 28Page - STMicroelectronics AN4650 Datasheet HTML 29Page - STMicroelectronics AN4650 Datasheet HTML 30Page - STMicroelectronics AN4650 Datasheet HTML 31Page - STMicroelectronics AN4650 Datasheet HTML 32Page - STMicroelectronics AN4650 Datasheet HTML 33Page - STMicroelectronics AN4650 Datasheet HTML 34Page - STMicroelectronics AN4650 Datasheet HTML 35Page - STMicroelectronics AN4650 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Reading output data
AN4650
32/102
DocID027415 Rev 1
3.6
Rounding functions
The rounding function can be used to auto address the LSM6DS3 registers for a circular
burst-mode read. Basically, with a multiple read operation the address of the register that is
being read goes automatically from the first register to the last register of the pattern and
then goes back to the first one.
3.6.1
Rounding of FIFO output registers
The rounding function is automatically enabled when performing a multiple read operation of
the FIFO output registers FIFO_DATA_OUT_L (3Eh) and FIFO_DATA_OUT_H (3Fh).
3.6.2
Rounding of source registers
It’s possible to apply the rounding function also to the source registers of the LSM6DS3
device, in order to verify with one multiple read whether new data was generated or a new
interrupt event was detected.
The rounding function on the source registers can be enabled by setting to 1 the
ROUNDING_STATUS bit of the CTRL7_G register: when this function is enabled, with a
multiple read operation the address of the register that is being read goes automatically
from STATUS_REG (1Eh) to FUNC_SRC (53h) and goes back to WAKE_UP_SRC (1Bh).
3.6.3
Rounding of sensor output registers
The rounding function can also be enabled for the following groups of output registers:
Gyroscope output registers, from OUTX_L_G (22h) to OUTZ_H_G (27h);
Accelerometer output registers, from OUTX_L_XL (28h) to OUTZ_H_XL (2Dh);
First group of sensor hub output registers, from SENSORHUB1_REG (2Eh) to
SENSORHUB6_REG (33h);
Second group of sensor hub output registers, from SENSORHUB7_REG (34h) to
SENSORHUB12_REG (39h).
The output registers rounding pattern can be configured using the bits ROUNDING[2:0] of
the CTRL5_C register, as indicated in Table 20.
Table 20. Output registers rounding pattern
ROUNDING[2:0]
Rounding pattern
000
No rounding
001
Accelerometer only
010
Gyroscope only
011
Gyroscope + Accelerometer
100
1st group of Sensor Hub only
101
Accelerometer + 1st group of Sensor Hub
110
Gyroscope + Accelerometer +
1st group of Sensor Hub + 2nd group of Sensor Hub
111
Gyroscope + Accelerometer + 1st group of Sensor Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com