Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 18Page - STMicroelectronics AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics AN4650 Datasheet HTML 25Page - STMicroelectronics AN4650 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Operating modes
AN4650
22/102
DocID027415 Rev 1
Figure 2. Accelerometer composite digital filter
The bits LPF2_XL_EN, HP_SLOPE_XL_EN and HPCF_XL [1:0] of CTRL8_XL are used to
select the filter applied to the accelerometer output data and to the FIFO data:
if both the LPF2_XL_EN bit and the HP_SLOPE_XL_EN bit are set to 0, no filter is
applied;
if the LPF2_XL_EN bit is set to 1, the LP digital filter is applied, regardless of the
HP_SLOPE_XL_EN bit configuration;
if the LPF2_XL_EN bit is set to 0 and the HP_SLOPE_XL_EN bit is set to 1, the applied
filter depends on the configuration of the HPCF_XL [1:0] bits, as shown in Table 9.
The HPCF_XL [1:0] bits of CTRL8_XL are also used to select the cutoff frequency of the
LPF2 filter, as shown in Table 10. This low-pass filter can also be used in the 6D/4D
functionality by setting the LOW_PASS_ON_6D bit of CTRL8_XL register to 1.
Table 9. Accelerometer slope and high-pass filter selection and cutoff frequency
HPCF_XL[1:0]
Applied filter
HP digital filter
cutoff frequency [Hz]
00
Slope
ODR_XL / 4
01
High-Pass
ODR_XL / 100
10
High-Pass
ODR_XL / 9
11
High-Pass
ODR_XL / 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com