Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 9Page - STMicroelectronics AN4650 Datasheet HTML 10Page - STMicroelectronics AN4650 Datasheet HTML 11Page - STMicroelectronics AN4650 Datasheet HTML 12Page - STMicroelectronics AN4650 Datasheet HTML 13Page - STMicroelectronics AN4650 Datasheet HTML 14Page - STMicroelectronics AN4650 Datasheet HTML 15Page - STMicroelectronics AN4650 Datasheet HTML 16Page - STMicroelectronics AN4650 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
TAP_THS_6D
59h
D4D_EN
SIXD_THS1
SIXD_THS0
TAP_THS4
TAP_THS3
TAP_THS2
TAP_THS1
TAP_THS0
INT_DUR2
5Ah
DUR3
DUR2
DUR1
DUR0
QUIET1
QUIET0
SHOCK1
SHOCK0
WAKE_UP_THS
5Bh
SINGLE_DOU
BLE_TAP
INACTIVITY
WK_THS5
WK_THS4
WK_THS3
WK_THS2
WK_THS1
WK_THS0
WAKE_UP_DUR
5Ch
FF_DUR5
WAKE
_DUR1
WAKE
_DUR0
TIMER_HR
SLEEP
_DUR3
SLEEP
_DUR2
SLEEP
_DUR1
SLEEP
_DUR0
FREE_FALL
5Dh
FF_DUR4
FF_DUR3
FF_DUR2
FF_DUR1
FF_DUR0
FF_THS2
FF_THS1
FF_THS0
MD1_CFG
5Eh
INT1_INACT
_STATE
INT1_SINGLE
_TAP
INT1_WU
INT1_FF
INT1_DOUB
LE_TAP
INT1_6D
INT1_TILT
INT1
_TIMER
MD2_CFG
5Fh
INT2_INACT
_STATE
INT2_SINGLE
_TAP
INT2_WU
INT2_FF
INT2_DOUB
LE_TAP
INT2_6D
INT2_TILT
INT2 _IRON
OUT_MAG_RAW_X_L
66h
D7
D6
D5
D4
D3
D2
D1
D0
OUT_MAG_RAW_X_H
67h
D15
D14
D13
D12
D11
D10
D9
D8
OUT_MAG_RAW_Y_L
68h
D7
D6
D5
D4
D3
D2
D1
D0
OUT_MAG_RAW_Y_H
69h
D15
D14
D13
D12
D11
D10
D9
D8
OUT_MAG_RAW_Z_L
6Ah
D7
D6
D5
D4
D3
D2
D1
D0
OUT_MAG_RAW_Z_H
6Bh
D15
D14
D13
D12
D11
D10
D9
D8
Table 1. Registers (continued)
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com