Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 41Page - STMicroelectronics AN4650 Datasheet HTML 42Page - STMicroelectronics AN4650 Datasheet HTML 43Page - STMicroelectronics AN4650 Datasheet HTML 44Page - STMicroelectronics AN4650 Datasheet HTML 45Page - STMicroelectronics AN4650 Datasheet HTML 46Page - STMicroelectronics AN4650 Datasheet HTML 47Page - STMicroelectronics AN4650 Datasheet HTML 48Page - STMicroelectronics AN4650 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
DocID027415 Rev 1
45/102
AN4650
Interrupt generation
102
Once the second tap detection procedure is initiated, the second tap is recognized with the
same rule as the first: the slope data must return below the threshold before the Shock
window has expired.
It is important to appropriately define the Quiet window to avoid unwanted taps due to
spurious bouncing of the input signal.
In the double-tap case, if the LIR bit of the TAP_CFG register is set to 0, the interrupt is kept
high for the duration of the Quiet window. If the LIR bit is set to 1, the interrupt is kept high
until the TAP_SRC register is read.
Figure 15. Double-tap event recognition (LIR bit = 0)
4.5.3
Single-tap and double-tap recognition configuration
The LSM6DS3 device can be configured to output an interrupt signal when tapped (once or
twice) in any direction: the TAP_X_EN, TAP_Y_EN and TAP_Z_EN bits of the TAP_CFG
register must be set to 1 to enable the tap recognition on X, Y, Z directions, respectively.
Configurable parameters for tap recognition functionality are the tap threshold and the
Shock, Quiet and Duration time windows.
The TAP_THS[4:0] bits of the TAP_THS_6D register are used to select the unsigned
threshold value used to detect the tap event. The value of 1 LSB of these 5 bits depends on
the selected accelerometer full scale: 1 LSB = (FS_XL)/(25). The unsigned threshold is
applied to both positive and negative slope data.
The Shock time window defines the maximum duration of the overthreshold event: the
acceleration must return below the threshold before the Shock window has expired,
otherwise the tap event is not detected. The SHOCK[1:0] bits of the INT_DUR2 register are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com