Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 17Page - STMicroelectronics AN4650 Datasheet HTML 18Page - STMicroelectronics AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics AN4650 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
DocID027415 Rev 1
21/102
AN4650
Operating modes
102
The digital signal is then filtered by a low-pass digital filter (LPF1) whose cutoff frequency
depends on the selected accelerometer ODR, as shown in Table 8.
Finally, the digital signal is processed by the composite group of filters composed of a low-
pass digital filter (LPF2), a high-pass digital filter and a slope filter. As shown in Figure 2, it is
possible to independently apply these filters to the accelerometer output data (and to the
FIFO data) and/or to the interrupt generators.
The enable signal of these high-pass and low-pass digital filters is the logic “OR” of the
SLOPE_FDS bit of the TAP_CFG register and the FUNC_EN bit of the CTRL10_C register.
The SLOPE_FDS bit is also used to select the filter (high-pass or slope) used for the wake-
up interrupt functionality. For this reason, if the wake-up functionality is implemented using
the slope filter and also the LPF2 filter is required, the latter has to be enabled by setting the
FUNC_EN bit to 1.
In all other cases, to enable the high-pass and low-pass digital filters it’s recommended to
set to 1 the SLOPE_FDS bit and set to 0 the FUNC_EN bit (if the embedded functions, such
as the Android functions and the sensor hub, are not used).
Table 8. Accelerometer LPF1 cutoff frequency
Accelerometer
ODR [Hz]
LPF1 digital Filter
cutoff frequency [Hz]
13 Hz (Low Power)
742
26 Hz (Low Power)
742
52 Hz (Low Power)
742
104 Hz (Normal mode)
742
208 Hz (Normal mode)
742
13 Hz (High Performance)
23
26 Hz (High Performance)
46
52 Hz (High Performance)
92
104 Hz (High Performance)
184
208 Hz (High Performance)
369
416 Hz (High Performance)
742
833 Hz (High Performance)
1517
1.66 kHz (High Performance)
3320
3.33 kHz (High Performance)
1517
6.66 kHz (High Performance)
3320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com