Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 67 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 63Page - STMicroelectronics AN4650 Datasheet HTML 64Page - STMicroelectronics AN4650 Datasheet HTML 65Page - STMicroelectronics AN4650 Datasheet HTML 66Page - STMicroelectronics AN4650 Datasheet HTML 67Page - STMicroelectronics AN4650 Datasheet HTML 68Page - STMicroelectronics AN4650 Datasheet HTML 69Page - STMicroelectronics AN4650 Datasheet HTML 70Page - STMicroelectronics AN4650 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
DocID027415 Rev 1
67/102
AN4650
Mode 2 - sensor hub mode
102
6.4.3
Getting compensated magnetometer data
The status of magnetometer data acquisition and hard-iron/soft correction can be checked
using the FUNC_SRC register:
SENSORHUB_END_OP bit is set high when the sensor hub routine is completed. The
acquired magnetometer raw data are available in registers from address 66h
(OUT_MAG_RAW_X_L) to 6Bh (OUT_MAG_RAW_Z_H).
SI_END_OP bit is set high when the execution of the enabled hard-iron and soft-iron
algorithms has completed. If the soft-iron correction is enabled, the magnetometer
uncalibrated data (with soft-iron only applied) are available in registers from address
4Dh (SENSORHUB13_REG) to 52h (SENSORHUB18_REG). The magnetometer
calibrated data, with both hard-iron (if enabled) and soft-iron (if enabled) correction are
available in registers from address 2Eh (SENSORHUB1_REG) to 33h
(SENSORHUB6_REG).
If latch mode is disabled (LIR bit of TAP_CFG is set to 0), the SENSORHUB_END_OP and
SI_END_OP bits are active only for 1/100 Hz, then they are automatically deasserted. If
latch mode is enabled, these two bits are cleared by reading the FUNC_SRC register.
The SENSORHUB_END_OP signal can be driven to the INT1 interrupt pin by setting to 1
the DRDY_ON_INT1 bit of the MASTER_CONFIG register. The SI_END_OP signal can be
driven to the INT2 interrupt pin by setting to 1 the INT2_IRON bit of the MD2_CFG register.
A schematic representation of hard-iron and soft-iron correction feature is illustrated in
Figure 22 below.
If the soft-iron correction is enabled and the soft-iron registers still have the default zero
value, then the magnetometer calibrated data and the magnetometer uncalibrated data will
be equal to zero too. As a consequence, when the soft-iron correction is enabled, the soft-
iron rotation matrix must be at least initialized to the identity matrix multiplied by 8, setting
the value of the MAG_SI_XX, MAG_SI_YY and MAG_SI_ZZ registers to 08h.
Figure 22. Hard-iron / soft-iron correction block scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com