Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 27Page - STMicroelectronics AN4650 Datasheet HTML 28Page - STMicroelectronics AN4650 Datasheet HTML 29Page - STMicroelectronics AN4650 Datasheet HTML 30Page - STMicroelectronics AN4650 Datasheet HTML 31Page - STMicroelectronics AN4650 Datasheet HTML 32Page - STMicroelectronics AN4650 Datasheet HTML 33Page - STMicroelectronics AN4650 Datasheet HTML 34Page - STMicroelectronics AN4650 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
DocID027415 Rev 1
31/102
AN4650
Reading output data
102
Table 18. Output data registers content vs. acceleration (FS_XL = 2 g)
Acceleration values
BLE = 0
BLE = 1
Register address
OUTX_H_XL
(29h)
OUTX_L_XL
(28h)
OUTX_H_XL
(29h)
OUTX_L_XL
(28h)
0 g
00h
00h
00h
00h
350 mg
16h
69h
69h
16h
1 g
40h
09h
09h
40h
-350 mg
E9h
97h
97h
E9h
-1 g
BFh
F7h
F7h
BFh
Table 19. Output data registers content vs. angular rate (FS_G = 245 dps)
Angular rate values
BLE = 0
BLE = 1
Register address
OUTX_H_G
(23h)
OUTX_L_G
(22h)
OUTX_H_G
(23h)
OUTX_L_G
(22h)
0 dps
00h
00h
00h
00h
100 dps
2Ch
A4h
A4h
2Ch
200 dps
59h
49h
49h
59h
-100 dps
D3h
5Ch
5Ch
D3h
-200 dps
A6h
B7h
B7h
A6h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com