Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 25Page - STMicroelectronics AN4650 Datasheet HTML 26Page - STMicroelectronics AN4650 Datasheet HTML 27Page - STMicroelectronics AN4650 Datasheet HTML 28Page - STMicroelectronics AN4650 Datasheet HTML 29Page - STMicroelectronics AN4650 Datasheet HTML 30Page - STMicroelectronics AN4650 Datasheet HTML 31Page - STMicroelectronics AN4650 Datasheet HTML 32Page - STMicroelectronics AN4650 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
DocID027415 Rev 1
29/102
AN4650
Reading output data
102
3.3
Using the data-ready signal
The device can be configured to have one HW signal to determine when a new set of
measurement data is available for reading.
For the accelerometer sensor, the data-ready signal is represented by the XLDA bit of the
STATUS_REG register. The signal can be driven to the INT1 pin by setting to 1 the
INT1_DRDY_XL bit of the INT1_CTRL register and to the INT2 pin by setting to 1 the
INT2_DRDY_XL bit of the INT2_CTRL register.
For the gyroscope sensor, the data-ready signal is represented by the GDA bit of the
STATUS_REG register. The signal can be driven to the INT1 pin by setting to 1 the
INT1_DRDY_G bit of the INT1_CTRL register and to the INT2 pin by setting to 1 the
INT2_DRDY_G bit of the INT2_CTRL register.
The data-ready signal rises to 1 when a new set of data has been generated and it is
available for reading. The interrupt is reset when the higher part of one of the enabled
channels has been read (29h, 2Bh, 2Dh for the accelerometer; 23h, 25h, 27h for the
gyroscope).
Setting the DRDY_MASK bit of the CTRL4_C register to 1, the accelerometer and
gyroscope data-ready signals are masked until the settling of the sensor filters is completed.
Figure 6. Data-ready signal
3.4
Using the block data update (BDU) feature
If reading the accelerometer/gyroscope data is particularly slow and cannot be synchronized
(or it is not required) with either the XLDA/GDA bits in the STATUS_REG register or with the
DRDY signal driven to the INT1/INT2 pins, it is strongly recommended to set the BDU (block
data update) bit to 1 in the CTRL3_C register.
This feature avoids reading values (most significant and least significant parts of output
data) related to different samples. In particular, when the BDU is activated, the data
registers related to each channel always contain the most recent output data produced by
the device, but, in case the read of a given pair (i.e. OUTX_H_XL(G) and OUTX_L_XL(G),
OUTY_H_XL(G) and OUTY_L_XL(G), OUTZ_H_XL(G) and OUTZ_L_XL(G)) is initiated,
the refresh for that pair is blocked until both MSB and LSB parts of the data are read.
Note:
BDU only guarantees that the LSB part and MSB part have been sampled at the same
moment. For example, if the reading speed is too slow, X and Y can be read at T1 and Z
sampled at T2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com