Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 42Page - STMicroelectronics AN4650 Datasheet HTML 43Page - STMicroelectronics AN4650 Datasheet HTML 44Page - STMicroelectronics AN4650 Datasheet HTML 45Page - STMicroelectronics AN4650 Datasheet HTML 46Page - STMicroelectronics AN4650 Datasheet HTML 47Page - STMicroelectronics AN4650 Datasheet HTML 48Page - STMicroelectronics AN4650 Datasheet HTML 49Page - STMicroelectronics AN4650 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Interrupt generation
AN4650
46/102
DocID027415 Rev 1
used to set the Shock time window value: the default value of these bits is 00b and
corresponds to 4*ODR_XL time, where ODR_XL is the accelerometer output data rate. If
the SHOCK[1:0] bits are set to a different value, 1 LSB corresponds to 8*ODR_XL time.
In the double-tap case, the Quiet time window defines the time after the first tap recognition
in which there must not be any overthreshold. When the latch mode is disabled (LIR bit of
TAP_CFG is set to 0), the Quiet time also defines the length of the interrupt pulse (in both
single and double-tap case). The QUIET[1:0] bits of the INT_DUR2 register are used to set
the Quiet time window value: the default value of these bits is 00b and corresponds to
2*ODR_XL time, where ODR_XL is the accelerometer output data rate. If the QUIET[1:0]
bits are set to a different value, 1 LSB corresponds to 4*ODR_XL time.
In the double-tap case, the Duration time window defines the maximum time between two
consecutive detected taps. The Duration time period starts just after the completion of the
Quiet time of the first tap.The DUR[3:0] bits of the INT_DUR2 register are used to set the
Duration time window value: the default value of these bits is 0000b and corresponds to
16*ODR_XL time, where ODR_XL is the accelerometer output data rate. If the DUR[3:0] bits
are set to a different value, 1 LSB corresponds to 32*ODR_XL time.
Figure 16 illustrates a single-tap event (a) and a double-tap event (b). These interrupt
signals can be driven to the two interrupt pins by setting to 1 the INT1_SINGLE_TAP bit of
the MD1_CFG register or the INT2_SINGLE_TAP bit of the MD2_CFG register for the
single-tap case, and setting to 1 the INT1_DOUBLE_TAP bit of the MD1_CFG register or
the INT2_DOUBLE_TAP bit of the MD2_CFG register for the double-tap case.
No single/double tap interrupt is generated if the accelerometer is in Inactivity status (see
Section 4.6 for more details).
Figure 16. Single and double-tap recognition (LIR bit = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com