Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 78 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 74Page - STMicroelectronics AN4650 Datasheet HTML 75Page - STMicroelectronics AN4650 Datasheet HTML 76Page - STMicroelectronics AN4650 Datasheet HTML 77Page - STMicroelectronics AN4650 Datasheet HTML 78Page - STMicroelectronics AN4650 Datasheet HTML 79Page - STMicroelectronics AN4650 Datasheet HTML 80Page - STMicroelectronics AN4650 Datasheet HTML 81Page - STMicroelectronics AN4650 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
First-in first-out (FIFO) buffer
AN4650
78/102
DocID027415 Rev 1
Table 63. FIFO mode selection
8.1.6
FIFO_STATUS1 (3Ah)
The FIFO_STATUS1 register, together with the FIFO_STATUS2 register, provides
information about the number of samples stored in the FIFO. Each sample is represented as
16-bit data.
8.1.7
FIFO_STATUS2 (3Bh)
The FIFO_STATUS2 register, together with the FIFO_STATUS1 register, provides
information about the number of samples stored in the FIFO and about the current status
(threshold, overrun, full, empty) of the FIFO buffer.
FTH represents the watermark status. This bit is set high when the number of bytes
stored in the FIFO is equal to or higher than the watermark level (each sample is
represented as 16-bit data). The watermark status can be driven to the two interrupt
pins by setting to 1 the INT1_FTH bit of the INT1_CTRL register or the INT2_FTH bit of
the INT2_CTRL register.
FIFO_OVER_RUN is set high when the FIFO is completely filled and at least one
sample has already been overwritten to store the new data. This signal can be driven to
FIFO_MODE [2:0]
Configuration
000
Bypass mode. FIFO disabled.
001
FIFO mode. Stops collecting data when FIFO is full.
010
Reserved
011
Continuous mode until trigger is deasserted, then FIFO
mode.
100
Bypass mode until trigger is deasserted, then Continuous
mode.
101
Reserved
110
Continuous mode. If the FIFO is full, the new sample
overwrites the older one.
111
Reserved
Table 64. FIFO_STATUS1 register
b7
b6
b5
b4
b3
b2
b1
b0
DIFF_
FIFO_7
DIFF_
FIFO_6
DIFF_
FIFO_5
DIFF_
FIFO_4
DIFF_
FIFO_3
DIFF_
FIFO_2
DIFF_
FIFO_1
DIFF_
FIFO_0
Table 65. FIFO_STATUS2 register
b7
b6
b5
b4
b3
b2
b1
b0
FTH
FIFO_
OVER_RUN
FIFO_
FULL
FIFO_
EMPTY
DIFF_
FIFO_11
DIFF_
FIFO_10
DIFF_
FIFO_9
DIFF_
FIFO_8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com