Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4650 Datasheet(PDF) 86 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 82Page - STMicroelectronics AN4650 Datasheet HTML 83Page - STMicroelectronics AN4650 Datasheet HTML 84Page - STMicroelectronics AN4650 Datasheet HTML 85Page - STMicroelectronics AN4650 Datasheet HTML 86Page - STMicroelectronics AN4650 Datasheet HTML 87Page - STMicroelectronics AN4650 Datasheet HTML 88Page - STMicroelectronics AN4650 Datasheet HTML 89Page - STMicroelectronics AN4650 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
First-in first-out (FIFO) buffer
AN4650
86/102
DocID027415 Rev 1
Bypass-to-Continuous mode is sensitive to the level of the interrupt signal and not to the
edge, which means that if Bypass-to-Continuous is in Continuous mode and the interrupt
condition disappears, the FIFO buffer returns to Bypass mode. It is recommended to latch
the interrupt signal used as the FIFO event in order to avoid losing data (the interrupt signal
has to be driven to the interrupt pin so that the latch function takes effect).
Follow these steps for Bypass-to-Continuous mode configuration (if the accelerometer /
gyroscope data-ready is used as the FIFO trigger):
1.
Configure one of the events as previously described;
2.
Choose the decimation factor for each sensor through the decimation bits in the
FIFO_CTRL3 and FIFO_CTRL4 registers (see Section 8.3 for details);
3.
Choose the FIFO ODR through the ODR_FIFO_[3:0] bits in the FIFO_CTRL5 register.
4.
Set the FIFO_MODE_[2:0] bits in the FIFO_CTRL5 register to 100b to enable FIFO
Bypass-to-Continuous mode.
Figure 27. Bypass-to-Continuous mode
Once the trigger condition appears and the buffer switches to Continuous mode, the FIFO
buffer continues filling. When the buffer is full, the FIFO_FULL bit is set high.
Bypass-to-Continuous can be used in order to start the acquisition when the configured
interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com