Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 3Page - STMicroelectronics AN533 Datasheet HTML 4Page - STMicroelectronics AN533 Datasheet HTML 5Page - STMicroelectronics AN533 Datasheet HTML 6Page - STMicroelectronics AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN533
Through-hole packages
7/22
Figure 4.
Rth(h-a) versus the length of a flat square heatsink
1.1.7
Forced cooling
For high power or very high power applications, a forced-air or liquid cooling heatsink may
be required. Heatsink manufacturers give a coefficient depending on the air or liquid flow.
However, in some applications like vacuum cleaners, dissipated power is only a few watts
and air flow cooling is available. This allows a very small heatsink to be used, very often a
flat aluminium heatsink. In this case it is necessary to measure the case temperature in the
worst case scenario and to check the following formula:
Tc < Tjmax - P . Rth(j-c)
1.2
Thermal impedance
In steady state, a thermal equivalent circuit can be made only with thermal resistances.
However, for pulse operation it can be useful to consider the thermal impedance, especially
when the component is on during a time lower than the time to reach the thermal resistance.
The thermal impedance value versus pulse duration is given in the datasheets (see an
example in Figure 5), in the form of the relationship Zth/Rth plotted against pulse duration.
For example, BTA08-600SW is able to dissipate
≈ 27 W without heatsink during 1 s:
Zth(j-a) can be obtained from the datasheet by reading the value of the ratio Zth/Rth from the
curve (in the case of this product the ratio is 0.06 as seen in Figure 5) and multiplying the
ratio by the value of Rth(j-a) from the datasheet. For this example Rth(j-a) is 60 °C/W
Rth(h-a)
100
50
30
20
10
1
2
3
5
STEEL
Thickness of
the plate in mm
0
2
8
14
4
10
16
6
12
18
20
0.5
1
2
5
Rth(h-a)
100
50
30
20
10
1
2
3
5
(°C/W)
COPPER
Thickness of
the plate in mm
(cm)
0
2
8
14
4
10
16
6
12
18
20
Length
0.5
1
2
5
Rth(h-a)
100
50
30
20
10
1
2
3
5
(°C/W)
ALUMINIUM
Thickness of
the plate in mm
(cm)
0
2
8
14
4
10
16
6
12
18
20
Length
0.5
1
2
5
Length
(°C/W)
(cm)
- Semiconductor device
in the center
- Bare convector (no ventilation)
- Vertical position
Thermal model for calculation
based on square heatsink
L
e
P =
Tjmax -Tamax
Zth(j-a) (1 s)
P =
125 - 25
60 x 0.06
= 27.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com