Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN533
Through-hole packages
11/22
4.
Never bend the leads laterally (Figure 9).
Figure 9.
Bending the leads laterally (not allowed)
5.
Never bend the leads more than 90° and never bend more than once.
6.
Make sure that the bending / cutting tool does not damage the leads.
1.5.2
Using a heatsink
Mounting surface preparation
●
The mounting surface should be flat, clean and free of burrs and scratches.
●
The use of a thin layer of thermal silicone grease ensures a very low contact thermal
resistance between the component and the heatsink. An excessively thick layer or a
excessively viscous silicone grease may have the opposite effect and cause the
deformation of the tab.
●
The planarity of the contact surface between device and heatsink must be very low
(less than 50 µm for TO-220AB).
Insertion
If the heatsink is mounted on the PC board, it should be attached to the component before
the soldering process of the leads.
Mounting techniques
Mounting must be done carefully. Excessive stress may induce distortion of the tab and as a
consequence mechanical damage on the die.
Soldering: It is not recommended for through-hole packages.
Incorrect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com