Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics AN533 Datasheet HTML 18Page - STMicroelectronics AN533 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
AN533
Through-hole packages
15/22
1.6
Through-hole package wave soldering
The lead-free through-hole devices may be soldered with lead-free solder pastes or alloys
(Sn-Ag-Cu based alloys). The typical soldering temperature is 260 °C.
Alternatively these devices may be soldered with SnPb based solder pastes. The soldering
temperature is then typically around 220 °C.
Interface adherences on through-hole package structures are qualified to sustain only 3
consecutive dips of their connections in a solder pot at 260 °C (-0 °C / +5 °C) .
●
immersion duration: 10 seconds each
●
delay between 2 dippings: 5 minutes
●
minimum distance solder to package plastic body: according to packages, by default
1mm
Lead-free devices are described in an internal specification defining:
●
their characteristics: lead-free connection coating, solderability and identification
features
●
their reliability such as soldering resistance, reliability performances, whiskers risk
prevention.
This specification is available for ST customers upon request (Title: ECOPACK®
Components Definition & Characteristics). Please consult that document for further
information.
ECOPACK is a registered trademark of STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com