Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics AN533 Datasheet HTML 18Page - STMicroelectronics AN533 Datasheet HTML 19Page - STMicroelectronics AN533 Datasheet HTML 20Page - STMicroelectronics AN533 Datasheet HTML 21Page - STMicroelectronics AN533 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Surface mount packages
AN533
20/22
Figure 19.
ST ECOPACK recommended soldering reflow profile for small packages
For each individual board, the appropriate heat profile has to be adjusted experimentally.
The current proposal is just a starting point. In every case, the following precautions have to
be considered:
●
Always preheat the device. The purpose of this step is to minimize the rate of
temperature rise to less than 3 °C per second (recommended 2 °C/s) to minimize the
thermal shock on the component.
●
Dryout section, after preheating, ensures that the solder paste is fully dried before
starting reflow step. Also, this step allows the temperature gradient on the board to be
evened out.
●
Peak temperature should be at least 30 °C higher than the melting point of the solder
alloy chosen to ensure the reflow quality. In any case the peak temperature should not
exceed 260 °C.
Lead-free devices are described in an internal specification defining:
●
their characteristics: lead-free connection coating, solderability and identification
features
●
their reliability such as soldering resistance, reliability performances, whiskers risk
prevention.
This specification is available for ST customers upon request (Title: ECOPACK Components
Definition & Characteristics). Please consult that document for further information about
reflow and wave soldering.
Voids pose a difficult reliability problem for large surface mount devices. Such voids under
the package result in poor thermal contact and the high thermal resistance leads to
component failures.
Coplanarity between the substrate and the package can be easily verified. The quality of the
solder joints is very important for two reasons:
●
Poor quality solder joints directly result in poor reliability.
●
Solder thickness affects the thermal resistance significantly. Thus, tight control of this
parameter results in thermally efficient and reliable solder joints.
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com