Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Through-hole packages
AN533
12/22
With rivets: Pop rivets should never be used for the following reasons:
●
A too rigorous expansion of the metal can lead to a distortion of the heatsink hole and
induce mechanical stresses on the die.
●
High crimping shock can damage the die.
Press rivets can be used with caution provided they are of a soft metal like aluminium. The
crimping force must be applied slowly and carefully in order to avoid shock and deformation
of the heatsink.
Figure 10.
Assembly with rivet
With clips: Care should be taken with the contact area between the plastic case and the
clip: the maximum pressure allowed on plastic is 150 N/mm2. Over this value, cracks may
be induced in the package. Therefore, the clips have to be round or smooth in the contact
area to avoid concentrated loads on the plastic body. The force applied on the component
depends on the heatsink and the component thickness, so they must be specially designed
to take this value into account. Screw assembly is preferred to clip assembly for insulated
packages.
Figure 11.
Clip assembly
Rivet
Contact
grease
Component
Heatsink
Contact grease
d
Component
Clip
Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com