Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics AN533 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Through-hole packages
AN533
14/22
Figure 14.
Relative variation of Rth(c-h) compared with Rth(c-h) at 0.6 Nm versus
torque for TO-220AB
Table 3.
Recommended torque and thermal contact resistance
Package
Torque (Nm)
Thermal contact resistance
(°C/W)
TO-220AB / PENTAWATT
0.4 to 0.6 (1)
1.
For BTB20-xxx, BTB24-xxx and TYNxx40, the maximum torque is 0.5 Nm.
0.5
ISOWATT220 / TO-220FPAB
0.4 to 0.6
0.5
TOP3 / TOP3I
0.9 to 1.2
0.1
RD91
0.9 to 1.2
0.1
2.00
Rth(c-h)/Rth(c-h) at 0.6 Nm
1.50
1.00
1.75
1.25
0.75
0.50
0.1
0.4
0.2
0.6
Torque (Nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com