Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics AN533 Datasheet HTML 18Page - STMicroelectronics AN533 Datasheet HTML 19Page - STMicroelectronics AN533 Datasheet HTML 20Page - STMicroelectronics AN533 Datasheet HTML 21Page - STMicroelectronics AN533 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN533
Surface mount packages
19/22
2.4
Reflow soldering information
The surface mount assembly is a 4-step process.
1.
solder paste printing
2.
component placement on the board
3.
reflow soldering
4.
cleaning (optional)
The soldering process causes considerable thermal stress to a semiconductor component.
This has to be minimized to assure a reliable and extended lifetime of the device. SOT-23,
SOT-223, SO-8 and DPAK packages can be exposed to a maximum temperature of 260 °C
for 10 to 30 seconds. For the D2PAK package the maximum temperature is 245 °C.
Overheating during the reflow soldering process may damage the device, therefore any
solder temperature profile should be within these limits. Reflow techniques are most
common in surface mounting. Typical heating profiles for leadfree solder (ST ECOPACK) are
given in Figure 19 for small packages (SOT-23, SOT-223, DPAK), either for mounting on a
FR4 or on metal-backed boards (IMS). Please refer to the IPC/JEDEC J-STD-020C
standard for further information about “small” and “large” component definitions.
Note:
Soldering profile defined in IPC/JEDEC J-STD-020C standard is used for reliability
assessment and typically describes warmest profiles used for component mounting, not the
necessary temperatures to achieve good soldering.
Wave soldering is not advisable for DPAK and D²PAK because it is almost impossible to
contact the whole package slug during the process.
Table 4.
Rth(j-a) for DPAK and D
2PAK according to mounting method
Mounting method
Rth (j-a)
DPAK
D2PAK
FR4
70 °C/W
50 °C/W
FR4 with 10 cm² heatsink on board
40 °C/W
35 °C/W
FR4 with copper filled holes and external heatsink
13 °C/W
12 °C/W
IMS (40 cm²) in free air
9 °C/W
8 °C/W
IMS with external heatsink
4.5 °C/W
3.5 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com