Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 3 Page - STMicroelectronics

  AN533 Datasheet HTML 1Page - STMicroelectronics AN533 Datasheet HTML 2Page - STMicroelectronics AN533 Datasheet HTML 3Page - STMicroelectronics AN533 Datasheet HTML 4Page - STMicroelectronics AN533 Datasheet HTML 5Page - STMicroelectronics AN533 Datasheet HTML 6Page - STMicroelectronics AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AN533
Through-hole packages
3/22
1
Through-hole packages
1.1
Thermal resistance
1.1.1
Review
The thermal resistance of semiconductor assembly is the parameter which characterizes its
resistance to the heatflow generated by the junction during operation. A temperature
exceeding the maximum junction temperature curtails the electrical performance and may
damage the device.
The maximum dissipated power capability is:
Where:
●
Tjmax is the maximum junction temperature of the semiconductor in degrees ( °C)
●
Ta is the ambient air temperature in degrees ( °C)
●
Rth(j-a) is the thermal resistance between junction and ambient air in °C/W
The Rth(j-a) takes into account all materials between the junction and ambient air.
An analogy between Ohm’s law and the thermal equivalent circuit can be made:
●
Electrical resistance corresponds to thermal resistance
●
Current corresponds to dissipated power
●
Voltage corresponds to temperature
Thus: V = R . I corresponds to
ΔT = Rth . P
1.1.2
Dissipated power for a thyristor or a TRIAC
The maximum power dissipation versus average on-state current (for SCRs) or RMS on-
state current (for TRIACs) is given in the datasheet for each product.
However, a more accurate result is obtained by using the Vto and Rd values with the
following calculation:
P = Vto . IT(AV) + Rd . I
2
T(RMS)
Where:
●
V
to is the threshold voltage specified in the datasheet
●
Rd is the dynamic on-state resistance specified as Rd in the datasheet
●
I
T(AV) is the average on-state current
●
I
T(RMS) is the RMS on-state current
Figure 1 shows the RMS and average values for different waveforms of current.
Pmax =
Tjmax -Ta
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com