Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 4 Page - STMicroelectronics

  AN533 Datasheet HTML 1Page - STMicroelectronics AN533 Datasheet HTML 2Page - STMicroelectronics AN533 Datasheet HTML 3Page - STMicroelectronics AN533 Datasheet HTML 4Page - STMicroelectronics AN533 Datasheet HTML 5Page - STMicroelectronics AN533 Datasheet HTML 6Page - STMicroelectronics AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Through-hole packages
AN533
4/22
Figure 1.
RMS and average currents
1.1.3
Dissipated power in a TRIAC
A TRIAC is made up of two thyristors connected back to back. This means we consider the
sum of the dissipated power of both thyristors.
The following formula gives the total dissipated power versus IT(RMS) current through the
TRIAC (see Figure 1 C with t0 = 0):
For a phase angle conduction the RMS current is given in Figure 1 C.
1.1.4
TRIAC without external heatsink
Figure 2 shows the thermal equivalent diagram for a TRIAC without external heatsink.
In practice the imposed parameters are:
●
Ta: ambient air temperature where the TRIAC is located
●
Rth(j-a): thermal resistance between junction and ambient air given in the datasheet
●
P: dissipated power in the TRIAC depending on the used TRIAC and on the load
current
The following equation defines the junction temperature depending on these parameters:
Tj = P . Rth(j-a) + Ta
Ip
A
B
C
Ip
Ip
t0
T/2
T/2
T
T
T
t0
t
t
t
IT(AV) =
2 . Ip .t0
.T
π
IT(AV) =
IT(AV) =
1 -
+
. sin
2 . Ip
π
2 . Ip .
I T(RMS) =
²
Ip²
2
T
0
IT(AV) =
i(t)dt
1
T
I T(RMS) =
²
i²(t)dt
T
0
1
T
I T(RMS) =
²
Ip².t0
2 . T
I T(RMS) =
²
Ip
2
²
1
2 .
π
2 . t0
T
4 . . t0
T
π
∫
∫
(
( (
(
(
(
cos
t0 .
²
π
T
π
P =
2 .
2
√
π
.IT(RMS) .Vt0 + Rd .I T(RMS)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com