Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 5Page - STMicroelectronics AN533 Datasheet HTML 6Page - STMicroelectronics AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN533
Through-hole packages
9/22
Table 1 shows the thermal resistance for different TO-220AB insulators and for a given
pressure (F = 30 N).
1.4
Insulated components
Most of the thyristors and TRIACs manufactured by STMicroelectronics are available in
insulated and non-insulated packages. For insulated packages, insulation can be achieved
in two different ways:
ceramic between the die pad and the heatsink of the component (TO-220AB / TOP3 /
RD91 packages)
resin used for encapsulation (ISOWATT220AB / TO-220FPAB packages)
All insulated packages delivered by STMicroelectronics are in accordance with UL1557
recognition applicable for "electrically isolated semiconductors". The added material
increases the thermal resistance between the junction and the case, but the total thermal
resistance (Rth(j-a)) is lower than the one when using a non insulated component with an
external insulating material. In addition, it simplifies assembly and reduces the cost.
For two 16 A TRIACs in TO-220AB package, Rth(j-c)AC values ( °C/W) are shown in Table 2:
1.5
Handling and mounting techniques
The use of inappropriate techniques or unsuitable tools during handling and mounting can
affect the long term reliability of the device, or even damage it.
1.5.1
Bending and cutting leads
Lead bending must be done carefully. The lead must be firmly held between the plastic
package and the bending point during lead operation. If the package / lead interface is
strained, the resistance to humidity is impaired and in addition mechanical stress is inflicted
on the die. This damage can affect the long term reliability of the devices.
Table 1.
Rth(c-h) for different materials for TO-220AB package
Contact grease
Mica + grease
thickness = 80 µm
Mica dry
thickness = 80 µm
Silicone insulator
Rth(c-h) °C
0.5
1.7
4
2.6
Table 2.
Comparison of Rth(j-c) for sample insulated and non-insulated products
BTA16-600C
(insulated version)
BTB16-600C
(non-insulated version)
2.1 device
1.2 device
+ 0.5 grease
+ 1.7 mica + grease
= 2.6 total
= 2.9 total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com