Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN533
Through-hole packages
13/22
With screws: The following precautionary measures should be taken:
To avoid tab distortion, a rectangular washer must be put between the screw head and
the tab, and a compression washer must be put between the tab and the nut.
Figure 12.
Correct assembly
Take care to avoid mechanical shock during screwing.
Keep the screw straight.
Appropriate screwing torque should be used, excessive screwing torque may cause the
distortion of the tab and induce bad thermal contact. In addition it can generate cracks
in the die.
Figure 13.
Incorrect assembly
The thermal contact resistance depends on the force generated by the applied torque on the
screw:
Where:
T is applied torque on the screw in N.m
P is pitch in m
D is screw diameter in m
r is rubbing factor: # 0.12 for steel-steel with grease and # 0.2 for steel-aluminium
The relative variation of the Rth(c-h), compared with the value of Rth(c-h) at 0.6 Nm versus the
torque for an M3 screw used for the TO220AB is given in Figure 14.
Washer
M3 screw
Washer
Lock washer
Nut
Contact
grease
Heatsink
Component
Washer
M3 screw
Washer
Lock washer
Nut
Bad thermal
contact
Heatsink
Component
F =
2 . T .
π
P + r . D .
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com