Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN533 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics AN533 Datasheet HTML 18Page - STMicroelectronics AN533 Datasheet HTML 19Page - STMicroelectronics AN533 Datasheet HTML 20Page - STMicroelectronics AN533 Datasheet HTML 21Page - STMicroelectronics AN533 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Surface mount packages
AN533
18/22
Figure 18.
Mounting techniques for power SMDs
As the FR4 board is commonly used in surface mounting techniques, there are several ways
of overcoming its low thermal performance:
●
use of large heat spreader areas (heat sink) at the copper layer of the PCB
●
use of copper-filled through holes in addition to an external heatsink for an even better
thermal management
However, due to its power dissipation limitation, using the FR4 board with these techniques
is advisable only for currents up to 8 A max.
A technology available today is Insulated Metallic Substrate (IMS). This offers greatly
enhanced thermal characteristics for surface mount components. IMS is a substrate
consisting of three different layers:
●
base material which is available as an aluminum or a copper plate
●
thermal conductive dielectric layer
●
copper foil, which can be etched as a circuit layer.
Even if a higher power is to be dissipated, an external heatsink can be applied leading to an
Rth(j-a) of 4.5 °C/W (see Table 4). This is commonly applied in practice, leading to
reasonable heatsink dimensions. Often, power devices are defined by considering the
maximum junction temperature of the device. In practice, however, this is far from being fully
exploited.
The designer should carefully consider which is appropriate mounting method (see Table 4)
to be used according to the dissipated power. The type of board will influence the thermal
performance of the system. Table 4 shows the Rth(j-a) depending on the mounting
techniques for DPAK and D²PAK.
Copper
foil
Insulation
Aluminium / copper
FR4 board
Copper
foil
Footprints
Copper
foil
FR4 board
Heatsink
Copper-filled
through-holes
Copper
foil
Insulation
Aluminium / copper
Heatsink
1
3
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com