Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 5Page - STMicroelectronics AN1709 Datasheet HTML 6Page - STMicroelectronics AN1709 Datasheet HTML 7Page - STMicroelectronics AN1709 Datasheet HTML 8Page - STMicroelectronics AN1709 Datasheet HTML 9Page - STMicroelectronics AN1709 Datasheet HTML 10Page - STMicroelectronics AN1709 Datasheet HTML 11Page - STMicroelectronics AN1709 Datasheet HTML 12Page - STMicroelectronics AN1709 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Table 4. ST Behavior Classes
Any ST Microcontroller under the “acceptance limits” is rejected as a fail. The “target level” is
the level used by ST to define good EMS performance.
Class B could be caused by:
– a parasitic reset correctly managed by the firmware (preferable case).
– deprogramming of a peripheral register or memory recovered by the application.
– a blocked status, recovered by a Watchdog or other firmware implementation.
Class C could be caused by:
– deprogramming of a peripheral register or memory not recovered by the application.
– a blocked application status requiring an external user action.
Table 5 shows ST target and acceptance limits.
Table 5. F_ESD / FTB target level & acceptance limit
Between “Acceptance limit” and “Target Level”, the device is relatively susceptible to noise.
Special care during system design should be taken to avoid susceptibility issues.
Table 6 shows how F_ESD / FTB test results are presented in ST datasheets.
Table 6. Example of F_ESD / FTB test results
Class A
Class B
Class C
Class D
No failure detected
Failure detected but self
recovery after distur-
bance
Needs an external user
action to recover normal
functionality
Normal functionality
cannot be recovered
Acceptance limit
Target Level
F_ESD
0.5kV
>1kV
FTB
0.5kV
>1.5kV
Symbol
Ratings
Conditions
Severity/Criteria
VF_ESD
Voltage limits to be applied on any I/O
pin to induce a functional disturbance
TA=+25°C
2/A, 3/B
VFTB
Fast transient voltage burst limits to
be applied through 100pF on VSS and
VDD pins to induce a functional distur-
bance
TA=+25°C
3/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com