Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 13Page - STMicroelectronics AN1709 Datasheet HTML 14Page - STMicroelectronics AN1709 Datasheet HTML 15Page - STMicroelectronics AN1709 Datasheet HTML 16Page - STMicroelectronics AN1709 Datasheet HTML 17Page - STMicroelectronics AN1709 Datasheet HTML 18Page - STMicroelectronics AN1709 Datasheet HTML 19Page - STMicroelectronics AN1709 Datasheet HTML 20Page - STMicroelectronics AN1709 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
3 ST MCU DESIGN STRATEGY & EMC SPECIFIC FEATURE
At the initial specification of a new product, EMC dedicated features are implemented after an
identification of EMC constraints imposed by the MCU target applications. You should refer to
the specific product datasheet to know which of these feature described here are embedded.
Figure 10. Overview of specific features embedded in ST Microcontrollers
3.1 SUSCEPTIBILITY
3.1.1 Low Voltage Detector (LVD)
The purpose of the LVD is to ensure that the Microcontroller will always work in its safe oper-
ating area (see Figure 12.). In terms of EMS, the presence of the LVD makes the MCU more
robust, ensuring that if any outside disturbance affects the power supply, the application can
recover safely.
When VDD is below the « Min Working VDD » the behaviour of the Microcontroller is no longer
guaranteed. There is not enough power to decode/execute the instructions and/or read the
memory. When VDD is below the LVD level the Microcontroller enters in reset state (internal
reset High) in order to prevent unpredictable behaviour. There are 2 levels with 250mV hys-
teresis in order to avoid oscillating when the micro restarts. When a LVD reset occurs, a bit is
set by HW. This bit can be used to recover an application.
The Low Voltage Detector function generates a static reset when the VDD supply voltage is
below a VIT- reference value. This means that it secures the power-up as well as the power-
down keeping the Microcontroller in reset.
ST Microcontrollers
for EMC in
Low Power Oscillator
I/O Protection
Watchdog
LVD/AVD
Internal PLL
Internal Voltage Regulators
(For MCUs with low power core)
Multi Oscillator
Embedded features
Controlled Slope
(Firmware Management
refer to AN 1015)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com