Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics AN1709 Datasheet HTML 33Page - STMicroelectronics AN1709 Datasheet HTML 34Page - STMicroelectronics AN1709 Datasheet HTML 35Page - STMicroelectronics AN1709 Datasheet HTML 36Page - STMicroelectronics AN1709 Datasheet HTML 37Page - STMicroelectronics AN1709 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
If the strongest source of perturbations is a dI/dt generator (i.e. a relay), it is a high source of
electromagnetic fields. Therefore, the permeability of the shielding material (i.e. alloy) is cru-
cial to increase the immunity of the board. In addition, the number and size of the holes on the
shield should be reduced as much as possible to increase its efficiency.
In critical cases, the implantation of a ground plane below the MCU and the removal of sockets
between the device and the PCB can reduce the MCU noise sensitivity. Indeed, both actions
lead to a reduction of the apparent surface of loops between the MCU, its supply, its I/O and
the PCB.
4.2 HANDLING PRECAUTIONS FOR ESD PROTECTION.
Electronic components have to be protected from the hazard of static electricity from the man-
ufacturing stage down to where they are utilized in order to avoid ESD related destruction. A
specific no-compromise strategy is implemented at ST for all ESD sensitive products.
From the wafer level to the shipping of finished goods, each workstation and processing step
is guaranteed. For final packing, ST uses anti-static tubes. This solution ensures full ESD pro-
tection of devices. However, the supplier's greatest efforts are in vain if the end user does not
provide the same level of protection and care in the application.
A relative humidity of 50% to 65% is the best to prevent electrostatic problems (the lower the
relative humidity, the higher the electrostatic voltage). Nevertheless, the person handling the
semiconductors as well as the equipment will be charged to a certain level. The work environ-
ment is very important to protect devices against static electricity
Anti-static electricity measures during work
(1) Conductive mat
(2) Wrist
(3) Conductive floor mat
(4) Work suit with anti-static measure
(5) Conductive shoes grounding the human body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com