Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 28Page - STMicroelectronics AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics AN1709 Datasheet HTML 33Page - STMicroelectronics AN1709 Datasheet HTML 34Page - STMicroelectronics AN1709 Datasheet HTML 35Page - STMicroelectronics AN1709 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 19. Reduction of PCB Tracks Loop Surfaces
Note: This test is done with a double sided PCB. Insulator thickness is 1.5mm, copper thick-
ness is 0.13mm. The overall board size is 65 x 200mm.
Power supply filtering
The power supply is used by all parts of the circuit, so it has to be considered with special at-
tention. The supply loops have to be decoupled to make sure that signal levels and power cur-
rents do not interfere. These loops can be separated using star wiring with one node desig-
nated as common for the circuit (Figure 20.).
The decoupling capacitance should be placed very close to the MCU supply pins to minimize
the resultant loop. It should be also large enough to absorb, without significant voltage in-
crease, parasitic currents coming from the MCU via the input protection diodes. The decou-
pling of the board can be done with electrolytic capacitors (typ. 10µF to 100µF) since the die-
lectric used in such capacitors provides a high volumic capacitance. However these capaci-
tors behave like inductances at high frequency (typ. above 10MHz) while ceramic or plastic
capacitors keep a capacitive behaviour at higher frequency. A ceramic capacitance of, for in-
stance, 0.1µF to 1µF should be used as high frequency supply decoupling for critical chips op-
erating at high frequency.
High Inductance
Low Inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com