Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 24Page - STMicroelectronics AN1709 Datasheet HTML 25Page - STMicroelectronics AN1709 Datasheet HTML 26Page - STMicroelectronics AN1709 Datasheet HTML 27Page - STMicroelectronics AN1709 Datasheet HTML 28Page - STMicroelectronics AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
pins in order to minimize output distortion and start-up stabilization time. The loading capaci-
tance values must be adjusted according to the selected oscillator.
These oscillators are not stopped during the RESET phase to avoid the delay needed for the
the oscillator start-up.
Internal RC Oscillator
The internal RC oscillator is the most cost effective solution, with the drawback of lower fre-
quency accuracy. Its frequency is in the low single digit MHz range. In this mode, the two os-
cillator pins have to be tied to ground.
Process variations will also bring some differences from lots to lots (20 to 60%).
Some ST Microcontrollers (refer to product specification) embed a process compensation.
This feature is called “Trimmable internal RC”. A procedure during test operation analyzes the
process variation and calibrate the internal oscillator accordingly. This brings the internal RC
accuracy to 1%. This procedure can be also performed by the user:
Refer to AN1324 “Calibrating the RC oscillator of the ST7FLITE0 using the mains”
Table 11. ST7 Clock Sources
The ST multi-oscillator system is designed for flexibility and to allow the system designer to
find the best compromise between emission, accuracy and cost criteria.
Hardware Configuration
OSC1
OSC2
EXTERNAL
ST7
SOURCE
OSC1
OSC2
ST7
CEX
REX
OSC1
OSC2
LOAD
CAPACITORS
ST7
CL2
CL1
OSC1
OSC2
ST7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com