Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 15Page - STMicroelectronics AN1709 Datasheet HTML 16Page - STMicroelectronics AN1709 Datasheet HTML 17Page - STMicroelectronics AN1709 Datasheet HTML 18Page - STMicroelectronics AN1709 Datasheet HTML 19Page - STMicroelectronics AN1709 Datasheet HTML 20Page - STMicroelectronics AN1709 Datasheet HTML 21Page - STMicroelectronics AN1709 Datasheet HTML 22Page - STMicroelectronics AN1709 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 12. Max. Operating frequency vs. supply voltage.
The minimum value of each supply range is limited by the LVD threshold which can be config-
ured at one of three levels (low, medium or high) depending on the application.
3.1.2 Auxiliary Voltage Detector (AVD)
Like the LVD, this feature improves EMS performance by ensuring that the microcontroller be-
haves safely when the power supply is disturbed by external noise.
The AVD feature can be used only if the LVD is activated. AVD has also different levels
(around 200mV above LVD levels), enabling a early warning before the reset caused by the
LVD. Then, when AVD threshold is crossed, an interrupt is generated, requesting for example
some user action or preparing the application to shut down in the interrupt routine until the
power supply returns to the correct level for the device (refer to the product datasheet).
Example: If fCPU is between 8 MHZ and 16 MHZ the min. working level is 3.5 volt.
The Voltage Detector function (AVD) is based on an analog comparison between a VIT- and
VIT+ reference value and the VDD main supply. The VIT- reference value for falling voltage is
lower than the VIT+ reference value for rising voltage in order to avoid parasitic detection (hys-
teresis).
The output of the AVD comparator is directly readable by the application software through a
real time status bit (VDF). This bit is read only.
The AVD voltage threshold value is relative to the selected LVD threshold configured by op-
tion byte (see Microcontroller spec).
Vsupply
Freq.
8Mhz
16Mhz
LVD high
LVD med.
LVD low
Absolute working
window
Safe 16Mhz
area
3.8V Reset
issued
Safe 16MHz
area.
3.5V Reset
Safe 8Mhz
area
issued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com