Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 23Page - STMicroelectronics AN1709 Datasheet HTML 24Page - STMicroelectronics AN1709 Datasheet HTML 25Page - STMicroelectronics AN1709 Datasheet HTML 26Page - STMicroelectronics AN1709 Datasheet HTML 27Page - STMicroelectronics AN1709 Datasheet HTML 28Page - STMicroelectronics AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
3.2 EMISSION
3.2.1 Internal PLL
Some ST Microcontrollers have an embedded programmable PLL Clock Generator allowing
the usage of standard 3 to 5 MHz crystals to obtain a large range of internal frequencies (up
to 24MHz). By these means, ST Microcontroller can operate with cheaper, medium frequency
crystals, while still providing a high frequency internal clock for maximum system perform-
ance. The high clock frequency source is contained inside the chip and does not go through
the PCB (Printed Circuit Board) tracks and external components. This reduces the potential
noise emission of the application.
The use of PLL network also filters CPU clock against external sporadic disturbances
(glitches).
3.2.2 Global low power approach
3.2.2.1 Low powered oscillator
The oscillator is an major source of noise. To reduce this noise emission, the current driven by
the oscillator is limited.
The main clock of some of ST Microcontrollers can be generated by four different source types
coming from the multi-oscillator block (MO). This allows the designer to easily select the best
trade-off in terms of cost, performance and noise emission. The clock sources are listed below
in order from the most noisy to the least noisy:
s
an external source
s
crystal or ceramic resonator oscillators
s
an internal high frequency RC oscillator
Each oscillator is optimized for a given frequency range in terms of consumption and is se-
lectable through the option byte. The associated hardware configurations are shown in Table
11. Refer to the electrical characteristics section of the datasheet for more details in each
case.
External Clock Source
In external clock mode, a clock signal (square, sinus or triangle) with ~50% duty cycle has to
drive the OSC1 pin while the OSC2 pin is tied to ground.
Crystal/Ceramic Oscillators
This family of oscillators has the advantage of producing a very accurate rate on the main
clock of the microcontroller. The selection within a list of 5 oscillators with different frequency
ranges has to be done by option byte in order to reduce consumption (refer to the Microcon-
troller datasheet for more details on the frequency ranges). In this mode of the multi-oscillator,
the resonator and the load capacitors have to be placed as close as possible to the oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com