Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 26Page - STMicroelectronics AN1709 Datasheet HTML 27Page - STMicroelectronics AN1709 Datasheet HTML 28Page - STMicroelectronics AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics AN1709 Datasheet HTML 33Page - STMicroelectronics AN1709 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
4 EMC GUIDELINES FOR MCU BASED APPLICATIONS
The following guidelines result from experience gained in a wide variety of applications.
4.1 HARDWARE
The major noise receptors and generators are the tracks and wiring on the Printed Circuit
Board (PCB), especially those near the MCU. The first actions to prevent noise problems thus
concern the PCB layout and the design of the power supply.
In general, the smaller the number of components surrounding the MCU, the better the immu-
nity versus noise. A ROMless solution, for instance, is typically more sensitive to and a bigger
generator of noise than an embedded memory circuit.
Optimized PCB layout
Noise is basically received and transmitted through tracks and components which, once ex-
cited, act as antennas. Each loop and track includes parasitic inductance and capacitance
which radiate and absorb energy once submitted to a variation of current, voltage or electro-
magnetic flux.
An MCU chip itself presents high immunity to and low generation of EMI since its dimensions
are small versus the wave lengths of EMI signals (typically mm versus 10's of cm for EMI sig-
nals in the GHz range). So a single chip solution with small loops and short wires reduces
noise problems.
The initial action at the PCB level is to reduce the number of possible antennas. The loops and
wires connected to the MCU such as supply, oscillator and I/O should be considered with a
special attention. The oscillator loop has to be especially small since it operates at high fre-
quency Figure 18.
A reduction of both the inductance and the capacitance of a track is generally difficult. Prac-
tical experience suggests that in most cases the inductance is the first parameter to be mini-
mized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com