Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 17Page - STMicroelectronics AN1709 Datasheet HTML 18Page - STMicroelectronics AN1709 Datasheet HTML 19Page - STMicroelectronics AN1709 Datasheet HTML 20Page - STMicroelectronics AN1709 Datasheet HTML 21Page - STMicroelectronics AN1709 Datasheet HTML 22Page - STMicroelectronics AN1709 Datasheet HTML 23Page - STMicroelectronics AN1709 Datasheet HTML 24Page - STMicroelectronics AN1709 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
3.1.3 I/O Features & properties
Although integrated circuit data sheets provide the user with conservative limits and condi-
tions in order to prevent damage, sometimes it is useful for the hardware system designer to
know the internal failure mechanisms: the risk of exposure to illegal voltages and conditions
can be reduced by smart protection design.
It is not possible to classify and to predict all the possible damage resulting from violating max-
imum ratings and conditions, due to the large number of variables that come into play in de-
fining the failures: in fact, when an overvoltage condition is applied, the effects on the device
can vary significantly depending on lot-to-lot process variations, operating temperature, ex-
ternal interfacing of the Microcontroller with other devices, etc.
In the following sections, background technical information is given in order to help system de-
signers to reduce risk of damage to the Microcontroller device.
3.1.3.1 Electrostatic Discharge and Latch-up
CMOS integrated circuits are generally sensitive to exposure to high voltage static electricity,
which can induce permanent damage to the device: a typical failure is the breakdown of thin
oxides, which causes high leakage current and sometimes shorts.
Latch-up is another typical phenomenon occurring in integrated circuits: unwanted turning on
of parasitic bipolar structures, or silicon-controlled rectifiers (SCR), may overheat and rapidly
destroy the device. These unintentional structures are composed of P and N regions which
work as emitters, bases and collectors of parasitic bipolar transistors: the bulk resistance of
the silicon in the wells and substrate act as resistors on the SCR structure. Applying voltages
below VSS or above VDD, and when the level of current is able to generate a voltage drop
across the SCR parasitic resistor, the SCR may be turned on; to turn off the SCR it is neces-
sary to remove the power supply from the device.
ST Microcontroller design implements layout and process solutions to decrease the effects of
electrostatic discharges (ESD) and latch-up. Of course it is not possible to test all devices, due
to the destructive nature of the mechanism; in order to guarantee product reliability, destruc-
tive tests are carried out on groups of devices, according to STMicroelectronics internal
Quality Assurance standards and recommendations (see 2.1.2 Latch-Up (LU)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com