Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 9Page - STMicroelectronics AN1709 Datasheet HTML 10Page - STMicroelectronics AN1709 Datasheet HTML 11Page - STMicroelectronics AN1709 Datasheet HTML 12Page - STMicroelectronics AN1709 Datasheet HTML 13Page - STMicroelectronics AN1709 Datasheet HTML 14Page - STMicroelectronics AN1709 Datasheet HTML 15Page - STMicroelectronics AN1709 Datasheet HTML 16Page - STMicroelectronics AN1709 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Table 9. Example of HBM/MM ESD test results on ST72F521
Notes:
1. Data based on characterization results, not tested in production.
2.2 ELECTROMAGNETIC INTERFERENCE (EMI)
2.2.1 EMI radiated test
This test correlates with the SAE J1752/3 standard.
This test gives a good evaluation of the contribution of the microcontroller to radiated noise in
an application environment. It takes into account the MCU chip and also the package which
has a major influence on the noise radiated by the device.
Below is the package EMI contribution from the highest to the lowest:
SDIP/DIP
SOP
QFP
TQFP
The test is performed in a Transverse Electromagnetic Mode Cell (TEMCELL) which allows
radiated noise measurement in two directions, rotating the test board by 90°
Test description:
The firmware running is based on a simple application, toggling 2 LEDs through the I/O ports.
The main directives for an SAE PCB are (Figure 8.):
– 100 x 100mm square board
– At least 2-layer board (ideally 4-layer).
– 5mm conductive edges on both sides connected to ground for contact with TEMCELL.
Figure 7. shows a typical example of an MCU EMC test board schematics.
Symbol
Ratings
Conditions
Maximum value
1)
Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
2000
V
VESD(MM)
Electro-static discharge voltage
(Machine Model)
TA=+25°C
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com